PART |
Description |
Maker |
2SA1306 |
TO-220 Package Series
|
TOSHIBA
|
R2V-CT4-38E R2V-CT2-38E R2A-CT2-38E R2A-CT4-38E |
R2 Series For TO-220 and TO-247
|
Ohmite Mfg. Co.
|
R2E220-RA44-14 |
AC centrifugal fans - RadiCal? Series R2E220 RA ?220 mm
|
List of Unclassifed Man...
|
MABAES0022 MABAES0022-15 |
E-Series RF 9:1 Transmission line Step-up Transformer 5 - 220 MHz
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
CY23EP09SXI-1T CY23EP09ZXI-1H CY23EP09ZXI-1HT CY23 |
2.5V or 3.3V, 10-220-MHz, Low Jitter, 9-Output Zero Delay Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 10 MHz to 220 MHz; Outputs: 9; Operating Range: -40 to 85 C 23EP SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer 2.5V or 3.3V, 10-220-MHz, Low Jitter, 9-Output Zero Delay Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 10 MHz to 220 MHz; Outputs: 9; Operating Range: 0 to 70 C 23EP SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp.
|
STP80NF03L-04 STP80NF03 -STP80NF03 |
N - CHANNEL POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IPB04N03L IPP04N03L |
OptiMOS Buck converter series OptiMOS Power MOSFET, 30V, TO-220, RDSon = 4.3mOhm, 80A, LL OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.9mOhm, 80A, LL OptiMOS Buck converter series Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle 的OptiMOS降压转换器系
|
INFINEON[Infineon Technologies AG]
|
KSA473OJ69Z |
3 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
STB80NF04 |
N-CHANNEL 40V - 0.008 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET N沟道40V 0.008欧姆- 80A条D2PAK/TO-220 STRIPFET二功率MOSFET
|
STMicroelectronics N.V.
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STP12PF06 STF12PF06 |
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET P通道60V 0.18欧姆-2A TO-220/TO-220FP STripFET二功率MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|