PART |
Description |
Maker |
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
BA4424 BA4424N A5801017 |
Audio LSIs > High frequency signal processing > Front end FM / TV front end From old datasheet system
|
ROHM[Rohm]
|
AD9861BCPRL-50 AD9861BCPRL-80 AD9861-80EB AD9861BC |
Mixed-Signal Front-End (MxFE? Baseband Transceiver for Broadband Applications 10-Bit Mixed-Signal Front-End (MxFE®)Processor; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
|
Analog Devices, Inc.
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|
AD73311L AD73311LAR AD73311LARS AD73311LARU EVAL-A |
From old datasheet system Low Cost Low Power CMOS General Purpose Analog Front End Low Cost, Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V Front-End Processor for General Purpose Applications Including Speech and Telephony
|
AD[Analog Devices]
|
EM4095 EM4095HMSO16A |
Read / Write Analog Front End Read/Write analog front end for 125kHz RFID Basestation
|
EM Microelectronic - MARIN SA ETC
|
SKY65206-13 |
WLAN 802.11b/g Intera?/a> Front-End Module WLAN 802.11b/g Intera⑩ Front-End Module
|
Skyworks Solutions Inc.
|
TQP6M9017 TQP6M9017-15 |
802.11b/g/n WLAN/BT High Performance Front-End Module 802.11ac/a/b/g/n WLAN/BT High Performance Front-End Module
|
TriQuint Semiconductor
|
AD9860 AD9860BST AD9860PCB AD9862 AD9862BST AD9862 |
Mixed-Signal Front-End (MxFE⑩) Processor for Broadband Communications Mixed-Signal Front-End (MxFE) Processor for Broadband Communications
|
AD[Analog Devices]
|
STLC1512 |
NORTHENLITE G.LITE LOOP DRIVER NorthenLite G.lite BiCMOS Analog Front-End Circuit NorthenLite⑩ G.lite BiCMOS Analog Front-End Circuit
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
XZ1003-QT |
Hi-RF Front End IC
|
Mimix Broadband
|
A6058 |
FM FRONT-END
|
Unisonic Technologies
|