PART |
Description |
Maker |
GS100502 |
Geartooth Hall Effect Sensor; Supply Voltage Max:24VDC; Supply Voltage Min:4.5VDC; Supply Current Max:6mA; Sensor Terminals:Wire Leads; Leaded Process Compatible:No; Output Type:Sink; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
THE CHERRY CORP
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TL7705ACD1013TRA TL7705ACP |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 SUPPLY VOLTAGE SUPERVISORS
|
STMicroelectronics
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
CS4353-CNZ |
Audio D/A Converter IC; Resolution (Bits):24; No. of DACs:1; Data Interface:Serial; Output Type:Analog; Supply Voltage Min:3.13V; Supply Voltage Max:3.47V; Termination Type:SMD; Package/Case:24-QFN; SERIAL INPUT LOADING, 24-BIT DAC, QCC24
|
Cirrus Logic, Inc.
|
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MC12148D MC12148SD MC12148 |
LOW POWER VOLTAGE CONTROLLED OSCILLATOR Switch Mode Power Supply; Series:MFA; Output Voltage:12VDC; Output Power Max:350W; Output Current:29A; Number of Outputs:1; Efficiency:86%; External Depth:3.20"; External Height:1.50"; External Width:6.80" PSU, 350W 24V SINGLE O/P ; Voltage, output:24V; Current, output:14.5A; Power rating:350W; Voltage, supply min:90V; Voltage, supply max:264V; Length / Height, external:38.1mm; Width, external:81.3mm; Depth, external:172mm; Current,
|
Motorola, Inc MOTOROLA INC
|
ISL84543CB ISL84543 ISL84543CP ISL84543IH-T ISL845 |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP8 1024 x 36 synchronous FIFO Memory 120-HLQFP 0 to 70 低电压,单电源,双路SPST,SPDT模拟开 Low-Voltage Single Supply Dual SPST SPDT Analog Switches Low-Voltage/ Single Supply/ Dual SPST/ SPDT Analog Switches
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
CAT1232LPGW CAT1232LPGZ CAT1232LPGZ-T13 CAT1232LPS |
1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 5V and 3.3V Supply Voltage Monitor and Reset Circuit 5V3.3V电源电压监控和复位电 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 0.150 INCH, SOIC-8 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 GREEN, MSOP-8 Miniature, 1W Isolated Regulated DC/DC Converters 12-SOP
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|
M27V402 M27V402-120B1TR M27V402-120B4TR M27V402-12 |
4 Mbit 256Kb x 16 Low Voltage UV EPROM and OTP EPROM 4兆位56Kb × 16低压紫外线存储器和OTP存储 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70 Hex Inverters 14-SO 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-SOIC 0 to 70 Hex Inverters 14-SOIC 0 to 70 Switch Mode Power Supply; Series:ZWS; Output Voltage:15VDC; Output Power Max:10W; Output Current:0.7A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Switch Mode Power Supply; Output Power:100W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:8.5A; Power Supply Mounting:Open Frame; Approval Bodies:UL, CSA, CE; External Depth:222mm; External Width:62mm RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:10W; Output Current:0.85A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Hex Inverters 14-PDIP 0 to 70 From old datasheet system 4 Mbit 512Kb x 8 Low Voltage OTP EPROM 4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LZ0P3800 |
Safety Light Curtain; Control Output Type:2PNP OSSD; Number of Beams:80; Protection Height:600mm; Sensing Range Max:6m; Supply Voltage Max:24VDC; Supply Voltage:24VDC 1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|