PART |
Description |
Maker |
BA782 BA783 |
Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting Bandswitching Diodes
|
GE Security, Inc. GE[General Semiconductor]
|
BB181 |
Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting VHF variable capacitance diode
|
乐山无线电股份有限公 LRC[Leshan Radio Company]
|
BAS85 |
Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting Schottky Barrier Diode From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
BFAP15 BUYP52 BCW32R BF181 BCW30R BCW29R BC211 BF4 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting TRANZYSTORY TRANZYSTORY
|
ETC[ETC] Electronic Theatre Controls, Inc.
|
ULW ULW2 ULW2-33RJA25 ULW2-33RJA1 ULW2-33RJT075 UL |
UL Recognised Wirewound Resistors
|
TT Electronics.
|
BUL76A |
POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited Seme LAB
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
ST72T311J4B6 ST72T311J4T3 ST72T311J4B6S |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS CAP, FUSE, FLUSH MOUNT; Current, fuse rating:16A; Approval category:UL Recognised; Temp, op. max:70(degree C); Temp, op. min:-25(degree C); Approval Bodies:CSA, SEMKO, VDE; Colour:Black; Current rating:16A; Diameter, body:9.2mm; RoHS Compliant: Yes FUSE HOLDER, PCB, 20X5MM; Current, fuse rating:6.30A; Approval category:VDE, CSA, UL, SEMKO; Approval Bodies:VDE, CSA, UL, SEMKO; Approvals @ 10A:Semko, VDE; Approvals @ 16A:UL, CSA; Current rating:10A; Diameter, bezel:15mm; Fuse RoHS Compliant: Yes
|
STMicroelectronics
|