PART |
Description |
Maker |
PIC16F84A-20_P PIC16F84A PIC16LF84A-04_PQTP PIC16L |
IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,18PIN,PLASTIC From old datasheet system 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC16F16-E/P PIC16F16-E/PQTP PIC16F16-E/PSQTP PIC1 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
Z8PE002SZ010EC Z8PE002SZ010SC Z8PE002CZ010EC |
FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDSO18
|
ZiLOG, Inc. ZILOG INC
|
T89C51AC2-RLTIM T89C51AC2 T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL[ATMEL Corporation]
|
T89C51AC2-RLTIM T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
Atmel Corp.
|
AT89C51CC01CA-RLTUM AT89C51CC01CA-SLSUM |
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
|
ATMEL Corporation
|
HA2099 |
A / D controller and Enhanced Capture / Compare / PWM module 8-bit Flash microcontroller
|
Microchip
|
ADUC7124 ADUC7126 |
ADuC7124/ADuC7126: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Silicon Anomaly (Rev A, 10/2011) ADuC7124/ADuC1726: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Datasheet (Rev C, 05/2012)
|
Analog Devices
|
UPD17225MC-XXX-5A4-A UPD17225CT-XXX UPD17225GT-XXX |
4-BIT, MROM, MICROCONTROLLER, PDSO30 4-BIT, MROM, MICROCONTROLLER, PDIP28 4-BIT, MROM, MICROCONTROLLER, PDSO28 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Renesas Electronics Corporation
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
|