PART |
Description |
Maker |
USBULC6-2F308 VT5363V032 VT536307 USBULC6-2F3 |
Single-chip USB/PS2 optical mouse 2-line IPAD, ultra low capacitance protection for high speed USB
|
STMicroelectronics
|
U040-06N-MIC-F |
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
|
Tripp Lite. All Rights ...
|
U444-06N-DGU-C |
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
|
Tripp Lite. All Rights ...
|
CY7C68013A-56LFC CY7C68015A-56LFC |
EZ-USB FX2LP USB microcontroller. High-speed USB peripheral controller. RAM size 16K. Prog. I/Os 24.
|
Cypress
|
LPC2378 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC 单芯6-bit/32-bit微控制器12的ISP /国际检察官联合会,以太网,USB 2.0,CAN10 kB闪存位的ADC / DAC
|
NXP Semiconductors N.V.
|
CY7C68013A-56BAXCT |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
896-46-009-90 |
USB Socket Type A USB 3.0 Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
AN2135SC AN2131QC AN2125SC AN2325SC AN2335SC AN213 |
USB Controller(通用串行总线(USB)控制器) USB Controller(USB控制 USB Controller(???涓茶??荤嚎锛?SB锛???跺?)
|
Cypress Semiconductor Corp.
|
PI3USB14ZHE PI3USB14 PI3USB14L PI3USB14LE PI3USB14 |
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable 低电压,高带宽,USB 2.0接口:1复用/解复用单启用 From old datasheet system
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
CY3681 CY7C68013-56PVC CY7C68013-128AC |
EZ-USB FX2 USB Microcontroller High-speed USB Peripheral Controller EZ-USB FX2USB Microcontroller High-speed USB Peripheral Controller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|