PART |
Description |
Maker |
A6276 A6276ELW 6276 A6276EA A6276SLW A6276SA |
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT CONSTANT CURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT/ CONSTANTCURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT/ CONSTANT CURRENT LATCHED LED DRIVER ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom 16-Bit Serial-Input, Constant-Current Latched LED Driver
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
A6812EA A6812EEP A6812ELW 6812 A6812 A6812SA A6812 |
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER 达比奇第四,20位串行输入,锁存源驱 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比奇第四,20位串行输入,锁存源驱 DABiC-IV. 20-BIT SERIAL-INPUT. LATCHED SOURCE DRIVER DABiC-IV,20-Bit Serial-Input, Latched Source Driver(驱动真空荧光显示器的DABiC-IV,20位锁存源驱动 DABiC-IV/ 20-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
DAC8043A DAC8043A1ES DAC8043A1FS DAC8043AEP DAC804 |
12-Bit Serial Input Multiplying D/A Converter SERIAL INPUT LOADING, 12-BIT DAC, PDSO8 12-Bit Serial Input Multiplying D/A Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
PA0229NL |
SMT Power Inductors Power Beads - Volta 1 & 2 series
|
Pulse A Technitrol Company
|
AD7390 AD7390AN AD7390AR AD7390AR-REEL7 AD7391AN A |
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDSO8 3/ 5 Volt Serial-Input Micropower 12-Bit DAC SERIAL INPUT LOADING, 70 us SETTLING TIME, 12-BIT DAC, PDSO8 1.75 MM HEIGHT, SOIC-8 3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
Z84C4304PEC Z0844004 Z0844004PSC Z8440 Z0844204PSC |
Serial input/output controller, 6MHz Serial input/output controller, 4MHz 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
|
Zilog. ZiLOG, Inc.
|
DAC8420FSZ-REEL DAC8420FS-REEL DAC8420EPZ DAC8420F |
QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 ROHS COMPLIANT, MS-013AA, SOIC-16 Quad 12-Bit Serial Voltage Output DAC QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 Quad 12-Bit Serial Voltage Output DAC; Package: PDIP; No of Pins: 16; Temperature Range: TBD QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
AD7849 AD7849AN AD7849AR AD7849BN AD7849BR AD7849C |
Serial Input, 14-Bit/16-Bit DAC SERIAL INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PDSO20 Serial Input/ 14-Bit/16-Bit DAC
|
Analog Devices, Inc.
|
AD420 AD420AN-32 AD420AR-32 AD420-32-REEL AD420-EB |
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC Serial Input 16-Bit, 4-20 mA, 0-20 mA DAC Serial Input 16-Bit 4 mA-20 mA/ 0 mA-20 mA DAC Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
MC74HC165ANG MC74HC165AMNTWG MC74HC165ADTR2G |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
|
ON Semiconductor
|
MC74HC595ADTR2G NLV74HC595ADR2G |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register
|
ON Semiconductor
|