PART |
Description |
Maker |
74VCX162839 MTD56 74VCX162839_00 74VCX162839MTD 74 |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in the Outputs Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16838 |
Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs From old datasheet system
|
Fairchild Semiconductor
|
74VCX162839MTD 74VCX162839-00 |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
|
Fairchild Semiconductor
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
X5325 X5323 |
CPU supervisor with selectable watchdog timer, adjustable low voltage reset, active high reset CPU supervisor with selectable watchdog timer, adjustable low voltage reset, active low reset
|
Xicor
|
FSTD32450 FSTD32450GX |
Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary) Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary) CBT/FST/QS/5C/B SERIES, QUAD 10-BIT DRIVER, TRUE OUTPUT, PBGA114
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AD7322BRUZ EVAL-AD7322CBZ |
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO14 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MS6894MGTR MS6894MGU MS6894 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
|
MOSA ELECTRONICS
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
ADT6401 ADT6402 |
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switch in SOT-23 (Open Drain Output) Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23 (Push-Pull Output)
|
Analog Devices
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|