PART |
Description |
Maker |
74LVX161284MTD 74LVX161284MEA 74LVX161284 |
Low Voltage IEEE 161284 Translating Transceiver 低压电机及电子学工程师联合会161284翻译
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
13192 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
MC13203 MC13202 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
FREESCALE[Freescale Semiconductor, Inc]
|
IOT7210 |
Low Power CMOS IEEE 488 Controller Device
|
ETC
|
ATMEGA128RFA1 |
8-bit Microcontroller with Low Power 2.4GHz Transceiver for ZigBee and IEEE 02.15.4
|
ATMEL Corporation
|
PCI-1671UP |
IEEE-488.2 Interface Low Profile Universal PCI Card
|
Advantech
|
MAX24188 MAX24188ETK |
Low-Cost IEEE 1588 Clock Low-Cost IEEE 1588 Clock
|
Maxim Integrated Products Maxim Integrated Produc...
|
PACSZ1284-02Q PACSZ1284-02QR PACSZ128404Q PACSZ128 |
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK PActive IEEE 1284 Parallel Port ESD/EMI/Termination Network P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK P /有源符合IEEE 1284支持ECP / EPP终端网络 P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK 4.7 Kom/33 om, 150 pF, 5 V, IEEE 1284 parallel port ESD/EMI/termination network
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
FW801A FW801A-DB |
Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
|
AGERE[Agere Systems]
|
FW802A FW802A-DB FW802 |
Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
|
AGERE[Agere Systems]
|