PART |
Description |
Maker |
MC74HC04 MC74HC04A MC74HC04AD MC74HC04ADR2 MC74HC0 |
Hex Inverter Hex Inverter High-Performance Silicon-Gate CMOS CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
ONSEMI[ON Semiconductor]
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
AT89C51RC-24PC AT89C51RC-24AI AT89C51RC-33AC AT89C |
Hex Inverter 14-SSOP -40 to 125 ECONOLINE: RSZ/P - 1kVDC Hex Inverter 14-SOIC -40 to 125 8-bit Microcontroller with 32K Bytes Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MM74HCT04MTCX |
Hex Inverter; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74ACTQ14 74ACTQ14MTC 74ACTQ14PC 74ACTQ14SC |
Quiet SeriesHex Inverter with Schmitt Trigger Input ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series Hex Inverter with Schmitt Trigger Input From old datasheet system
|
Fairchild Semiconductor, Corp.
|
MC74AC14DTR2G MC74AC1406 MC74AC14DR2G MC74ACT14DR2 |
Hex Inverter Schmitt Trigger; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 ACT SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|