PART |
Description |
Maker |
1N4148 |
500mW 100 Volt Silicon Epitaxial Diode 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
DL4148 DL4148-11 |
500mW High Speed Switching Diode 100 Volt
|
Micro Commercial Compon...
|
DL4148 DL4148-TP DL4148-12 |
500mW High Speed Switching Diode 100 Volt Surface Mount Applications
|
Micro Commercial Compon...
|
1N4151 |
500mW 75 Volt Silicon Epitaxial Diode
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
CLL5229B CLL5226B CLL5231B |
500mW Zener Diode(齐纳电压4.3V,500mW齐纳二极 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW Zener Diode(榻?撼?靛?3.3V,500mW榻?撼浜??绠? 500mW Zener Diode(榻?撼?靛?5.1V,500mW榻?撼浜??绠?
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MMBD4148 |
350mW 100 Volt Silicon Epitaxial Diode
|
Micro Commercial Components
|
ZMM5260B-7 ZMM5228B-7 ZMM5245B-13-F ZMM5267B-13 ZM |
DIODE ZENER 43V 500MW MINIMELF 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 500mW SURFACE MOUNT ZENER DIODE 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 500mW SURFACE MOUNT ZENER DIODE
|
Diodes, Inc. Diodes Incorporated
|
LLZ9V1C LLZ10 LLZ10A LLZ10B LLZ10C LLZ10D LLZ11 LL |
500mW Silicon Zener Diodes
|
MCC[Micro Commercial Components]
|
HER202G HER201G |
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
Micro Commercial Components, Corp.
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
CLL5221B10 CLL5240B CLL5241B CLL5242B CLL5243B CLL |
SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
|
Central Semiconductor Corp
|
BZT55B62 BZT55B8V2L1 BZT55B3V0 |
500mW, 2% Tolerance SMD Zener Diode 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 500mW, 2% Tolerance SMD Zener Diode
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|