PART |
Description |
Maker |
M74VHC1GT32DFT1G MC74VHC1GT1407 MC74VHC1GT3207 MC7 |
2−Input OR Gate/CMOS Logic Level Shifter Schmitt?Trigger Inverter / CMOS Logic Level Shifter LSTTL?Compatible Inputs 2?Input OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
BL-B3141P BL-B2141P BL-BX13V1G BL-BXXV1T BL-B2114 |
STANDARD LED LAMPS (ROUND TYPES) 标准LED节能灯(圆形类型 RESISTOR 1/2W 1K 5% 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 2K OHM 1% 1/2W CHIP RES (2010) High Speed CMOS Logic Octal Bus Transceivers/Registers with 3-State Outputs 24-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
BU4S81 |
Standard Logic LSIs > CMOS logic BU4S Series Single 2-input AND gate
|
ROHM[Rohm]
|
BU4081B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S01 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BU4528B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BL-HG033A BL-HG433A BL-HUB33A BL-HX133A BL-HS133A |
SWITCH High Speed CMOS Logic Dual Positive-Edge-Triggered D Flip-Flops with Set and Reset 14-SOIC -55 to 125 SURFACE MOUNT CHIP LED LAMPS High Speed CMOS Logic Hex Inverters 14-PDIP -55 to 125
|
Yellow Stone Corp 早安股份有限公司
|