PART |
Description |
Maker |
SL1925 |
Single Chip zero IF L-band Tuner for DSS and DVB Satellite Receivers (symbol rates 1-45 MS/s)
|
Zarlink Semiconductor
|
STI5251 |
Advanced SD STB processor with integrated DVB-T/DVB-C demodulator
|
STMicroelectronics
|
STI5262 STI5262CBUD |
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
|
ST Microelectronics STMicroelectronics
|
STI5267 STI5267-SUD |
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
|
ST Microelectronics STMicroelectronics
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
TDA9819 TDA9819T |
Multistandard Vision And Sound-IF PLL With DVB-IF Processing(带数字视频广中频(DVB-IF)处理的多标准视觉及声音-中频(IF)的 PLL)
|
Philips Semiconductors NXP Semiconductors
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
BCM3118B |
QAMLink® 64/256-QAM DVB/DAVIC Receiver MODEM IC - Datasheet Reference QAMLINK DVB/DAVIC RECEIVER
|
Broadcom Corp Broadcom Corporation.
|
ELJND102KF ELJND102DF ELJNA221JF ELJFC220DF ELJFC2 |
If you are looking for a Chinese version of this datasheet, more; Vcc (V): 3 V to 5.25 V; Package: QFN; If you are looking for a Chinese version of this datasheet, more; Vcc (V): 2.4 V to 5.25 V; Package: TQFP; TAXI(TM) Compatible HOTLink(R) Transceiver; Features: 8-bit 4B/5B or 10-bit 5B/6B,BIST; Frequency Range: 50 to 200 Mbps; Standard: TAXIchip; EZ-USB HX2LP(TM) Low-Power USB 2.0 Hub Controller Family; Development Kit: CY4606; Hub Ports: 4; USB Application: High Speed Hub; Independent Clock Quad HOTLink II(TM) Reclocking Deserializer; Features: Quad Channel Deserializer; Package: BGA; Pins/Ball: 256; Standard Independent Clock HOTLink II(TM) Serializer and Reclocking Deserializer; Features: Single Channel SERDES; Package: BGA; Pins/Ball: 256 EZ-USB AT2LP(TM) USB 2.0 to ATA/ATAPI Bridge; # Endpoints: 7; Core: N/A; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY4615B Independent Clock HOTLink II(TM) Dual Serializer and Dual Reclocking Deserializer; Features: Dual Channel SERDES; Package: BGA; Pins/Ball: 256; Standard: SMPTE|DVB-ASI Independent Clock Quad HOTLink II Transceiver; Features: Independent Clocking, 8B/10B, Redundancy, BIST, JTAG; Frequency Range: 0.2 to 1.5 Gbps; Standard: Ethernet, Fibre Channel, ESCON, DVB-ASI; Single-channel HOTLink II(TM) Transceiver; Features: 8B/10B, Redundancy, BIST, JTAG; Frequency Range: 0.2 to 1.5 Gbps; Standard: Ethernet, Fibre Channel, ESCON, DVB-ASI; Dual-channel HOTLink II(TM) Transceiver; Features: Channel Bonding, 8B/10B, Redundancy, BIST, JTAG; Frequency Range: 0.2 to 1.5 Gbps; Standard: Ethernet, Fibre Channel, ESCON, DVB-ASI; EZ-Host(TM) Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support; Memory Architecture: ROM/RAM; Memory Size: 16 KB; Package: TQFP; # Endpoints: 8 EZ-USB SX2(TM) High Speed USB Interface Device; # Endpoints: 7; Core: N/A; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3683 STAR-250/CYIS1SM0250AA; Application: Satellite Optical Altitude, Comm Sensors, Spacecraft Visual Monitors, Nuclear; Features: Rolling Shutter, Windowing, On-Chip FPN Correction, Double Slope; Frame Rate: 29 fps; Optical Format: 1 inch Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 24; Analog Blocks: 12; Digital Blocks: 16; Flash: 32KB; RAM: 2KB; Temp: E; Comm: I2C, SPI, UART; Package: 28 SSOP If you are looking for a Chinese version of this datasheet, more; Vcc (V): 2.4 V to 5.25 V; Package: TQFP; 片式电感 If you are looking for a Chinese version of this datasheet, more; Vcc (V): 3 V to 5.25 V; Package: QFN; 片式电感 Chip inductors 片式电感 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs; Density: 64 Kb; Organization: 4Kb x 18; VCC(V): 3.0 to 3.6 V; Speed: 40 MHz 片式电感 Independent Clock Quad HOTLink II(TM) Reclocking Deserializer; Features: Quad Channel Deserializer; Package: BGA; Pins/Ball: 256; Standard: SMPTE|DVB-ASI 片式电感 EZ-USB AT2LP(TM) USB 2.0 to ATA/ATAPI Bridge; # Endpoints: 7; Core: N/A; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY4615B 片式电感 enCoRe(TM) USB Combination Low-Speed USB and PS/2 Peripheral Controller; # Endpoints: 3; #of I/O: 10; Core: M8B (8-bit RISC); Development Kit: CY3654, CY3654-P05 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip inductors 1 ELEMENT, 0.22 uH, NON-MAGNETIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1.3 MPxl Rolling Shutter CMOS Image Sensor; Application: Machine Vision, Instrumentation, Microscopy; Features: Rolling Shutter, Windowing, On-Chip FPN Correction, Double Slope; Frame Rate: 7 fps; Optical Format: 2/3 inch
|
Panasonic Corporation Panasonic, Corp.
|
|