PART |
Description |
Maker |
ST20-PPIUK ST20-PPI ST20-PPI110 ST20-PPI220 ST20-P |
PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口的PC操作系统- Link接口 PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口PC操作系统- Link接口 Cyclone II FPGA 15K FBGA-256 CYCLONE III FPGA 119K 780FBGA Cyclone II FPGA 15K FBGA-484 PC PARALLEL PORT TO OS-LINK INTERFACE
|
Vicor, Corp. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
EP3C51 EP3C25 EP3C10 EP3C55 EP3C5 EP3C16 EP3C40 EP |
Cyclone III Device Data Sheet FPGA, 39600 CLBS, 472.5 MHz, PBGA484
|
Altera Corporation
|
YF24S12-1670 YFW48D12-620 |
MAX II CPLD 2210 LE 324-FBGA 模拟IC STRATIX III FPGA 150K 780 BGA 模拟IC
|
Riedon, Inc. Electronic Theatre Controls, Inc.
|
YSS903M |
Stratix II GX FPGA 30K FPGA-780 消费性IC
|
Yamaha, Corp.
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
ST20450-X40S |
Stratix II FPGA 130K FBGA-780 32位微处理
|
Integrated Silicon Solution, Inc.
|
ST24C04RB5 |
Cyclone II FPGA 20K FBGA-484 I2C串行EEPROM
|
Cree, Inc.
|
EP3C55 EP3C40 EP3C25 EP3C80 EP3CLS100 EP3CLS150 EP |
1. Cyclone III Device Family Overview
|
Altera Corporation
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|