PART |
Description |
Maker |
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SAK-C167CS-4RMCA-STEP SAK-C167CS-L40MCA-STEP SAK-C |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (40MHz)
|
Infineon
|
PIC16C62B-04/SO PIC16C62B-04/SP PIC16C62B-04/SS PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... 28-Pin 8-Bit CMOS Microcontrollers
|
Microchip
|
PIC16C74A-20/JW PIC16C74A-20/L PIC16C74A-10/JW PIC |
8-Bit CMOS Microcontrollers with A/D Converter 8CMOS微控制器与A / D转换 8-Bit CMOS Microcontrollers with A/D Converter 8位CMOS微控制器与A / D转换
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PCF80C31-4A PCB80C31-4N PCF80C31-4N |
CMOS single-chip 8-bit microcontrollers 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
PIC16F73T-E/ML PIC16F73T-E/SO PIC16F73T-E/SS PIC16 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin, 8-bit CMOS FLASH Microcontrollers
|
Microchip
|
PIC12F639-E/PQTP PIC12F639-E/MLQTP PIC12F639-E/MFQ |
PIC12F635/PIC16F636/639 Data Sheet 8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
PIC16F767 PIC16F767-I_P PIC16F7X7 |
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
PIC16LC773-20I/P PIC16C773-20I/PT PIC16C773-20I/JW |
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D 28/40-Pin位CMOS微控制器瓦特/ 12位A / D转换 FUSE MGA 125V 500MA
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SAK-C167SR-LCGA-STEP SAK-C167XR-4RCGA-STEP SAK-C16 |
16-Bit Microcontrollers - 16-Bit CMOS Microcontroller (25MHz)
|
Infineon
|