PART |
Description |
Maker |
D44H06 D45H8G D44H D44H11 D44H11G D44H8 D44H8G D45 |
Complementary Silicon Power Transistor(互补型PNP硅功率晶体管) Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BD243B ON0193 BD244C BD243C BD244B |
Complementary Silicon Plastic Power Transistors From old datasheet system 6 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ2500 MJ3000 MJ1250 MJ3001 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6473 2N6474 2N6476 2N6475 |
COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MJ14001 MJ14003 MJ14002 ON1978 |
60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-204AE 60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AE From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2N6491G 2N6490 2N6490G 2N6488G |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60?0 VOLTS, 75 WATTS Complementary Silicon Plastic Power Transistors 60?0 VOLTS, 75 WATTS Complementary Silicon Plastic Power Transistors 60?0 VOLTS, 75 WATTS
|
ON Semiconductor
|
2N4901 2N4903 2N4902 |
COMPLEMENTARY SILICON POWER TRANSITORS Leaded Power Transistor General Purpose
|
Central Semiconductor C...
|