PART |
Description |
Maker |
LT1576IS8-5SYNC LT1576IS8-SYNC LT1576CS8-SYNC LT15 |
1.5A/ 200kHz Step-Down Switching Regulator MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 MM,62.5M,BREAKOUT STYLE BULK FO CBL - 12FIBER 100 CAP 100UF 25V ELECT TG SMD MM,62.5M,DIST STYLE,BULK FO CABLE - 12FIB 1000FT MM,62.5M,DIST STYLE,BULK FO CABLE - 4FIB 500FT CAP 220UF 16V ELECT TG SMD CAP 330UF 16V ELECT TG SMD CAP 220UF 25V ELECT TG SMD MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 3.5 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
MIC5202 MIC5202-3.0BM MIC5202-3.3BM MIC5202-4.8BM |
Dual 100mA Low-Dropout Voltage Regulator(杈???垫?100mA浣??宸???靛?绋冲??? Dual 100mA Low-Dropout Voltage Regulator Preliminary Information DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Replaced by PT6212 :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
IRU1260 IRU1260CM IRU1260CP IRU1260CT IRU1260CMTR |
Dual 1A and 6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package Dual 1A and 6A Adj LDO Linear Regulator in a TO-263 7-Leads package DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
LDR2533 LDR2533K7-R LDR2533PT-R LDR2518K7-R LDR332 |
VERY LOW DROP DUAL VOLTAGE REGULATOR VERY LOW DROP DUAL VOLTAGE REGULATOR 极低降双电压调节 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PS PPAK-5
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC33762DM-2525R2 |
Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8
|
ON Semiconductor
|
MIC2230-GFHYML MIC2230-GSYML MIC2230-SSYML MIC2230 |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A SWITCHING REGULATOR, 2875 kHz SWITCHING FREQ-MAX, PDSO12 Dual Synchronous DC/DC Regulator
|
Micrel Semiconductor MICREL INC
|
MAX8559EBA MAX8559EBA2G MAX8559EBA8A MAX8559EBAG2 |
Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA8 Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN 双通道00mA的,低噪声线性稳压器,带有独立的关断UCSP或TDFN封装
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8559EBAAAT MAX8559ETAJJ MAX8559ETA11T |
Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA8 Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IDT74FST163213 IDT74FST163213PA IDT74FST163213PF I |
CAP 1800UF 50V ELECT FC RADIAL 24位总线交换开 24-BIT BUS EXCHANGE SWITCH
|
Integrated Device Technology, Inc. IDT
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|