PART |
Description |
Maker |
CL01-12S CL01-12S-15 |
Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
BR12 |
12kV 350mA HIGH VOLTAGE DIODES
|
getedz electronics
|
ESJC13-12 |
350mA 12kV HIGH VOLTAGE DIODES
|
getedz electronics
|
LP78081 LP78081-30B6F LP78081-33B6F |
600mA High Efficiency Synchronous Buck with 350mA LDO
|
Lowpower Semiconductor inc
|
BFT99 BFT99A |
TRANSISTOR | BJT | NPN | 350MA I(C) | STX-8 TRANSISTOR | BJT | NPN | 350MA I(C) | MACRO-X 晶体管|晶体管|叩| 350mA的一c)|宏观X
|
Unisonic Technologies Co., Ltd.
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
CM2865E5IM89 CM2865GE5IM89 |
350mA CMOS LDO
|
Champion Microelectronic
|
BP5061-5 |
AC100V input, −5V/350mA output
|
ROHM[Rohm]
|
ZXLD1350ET5TA ZXLD135007 ZXLD1350 |
350mA LED driver with internal switch
|
ZETEX[Zetex Semiconductors]
|