PART |
Description |
Maker |
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
MAX5913AEMH MAX5914AEMHT MAX5913AEMHT |
48V Quad Hot-Swap Controllers For Power-Over-LAN
|
Maxim Integrated Products
|
SMH480209 |
Programmable -48V Hot-Swap Controller with Forced Shut Down
|
Summit Microelectronics, Inc.
|
MAX5911 2483 |
-48V Simple Swampper Hot Swap Switches From old datasheet system
|
Maxim
|
LT1640L1 LT1640HCS8TRPBF LT1640HCN8PBF LT1640LIS8 |
Negative Voltage Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Negative Voltage Hot Swap Controller
|
Linear Technology, Corp.
|
MCZ34653EF/R2 MC34653EF/R2 |
1.0 A Negative Voltage Hot Swap Controller
|
Freescale Semiconductor, Inc
|
LTC4252-1IMSTR LTC4252-2IMSTR LTC4252A-1IMSTR LTC4 |
Negative Voltage Hot Swap Controllers
|
Linear Technology
|
SC4150HIS-4TRT SC4150LIS-4TRT SC4150LISTRT |
Negative Voltage Hot Swap Controller 负电压热插拔控制
|
Semtech, Corp.
|
MC34652EFR2 34652 34652_07 MC34652EF MCZ34652EF MC |
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
|
FREESCALE[Freescale Semiconductor, Inc]
|
MAX5939HESA |
-48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current 1-CHANNEL POWER SUPPLY SUPPORT CKT
|
Maxim Integrated Products, Inc.
|
LTC4261CUFD-2 LTC4261IUFD-2 LTC4261IGN LTC4261IGN- |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
|
Linear Technology
|
LM5067MM-1 LM5067MW-1 |
Negative Hot Swap / Inrush Current Controller with Power Limiting
|
http://
|