PART |
Description |
Maker |
JAN1N6391 JANTX1N6391 JANTXV1N6391 JANS1N6391 1N63 |
Military Schottky Rectifier
|
MICROSEMI[Microsemi Corporation]
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
1N5617 1N5615 1N5621 JAN1N5623US 1N5623 JANTX1N561 |
MILITARY RECTIFIERS MSTB 2,5/18-G BK Fast Rectifier (100-500ns) Standard Rectifier (trr more than 500ns)
|
http:// MICROSEMI[Microsemi Corporation]
|
DVST2800TSERIES |
COTS Converters:Military Designs for Military Applications COTS的转换器:用于军事用途的军事设计
|
Vishay Intertechnology, Inc.
|
1N3650R 1N1124A 1N1124RA 1N1126A 1N1126RA 1N1128A |
MILITARY SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
1N3913 1N3912 1N3909-1 1N3910 1N3911 |
Military Fast Recovery Rectifier
|
http:// MICROSEMI[Microsemi Corporation]
|
IN5812 IN5814 IN5816 |
Military FAST RECOVERY RECTIFIER
|
Microsemi Corporation
|
483-1 |
RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
|
New Jersey Semi-Conductor Products, Inc.
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|