PART |
Description |
Maker |
MTV16N50E MTV16N50E_D ON2670 MTV16N50E-D TV16N50E |
16 A, 500 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM TMOS E-FET Power Field Effect Transistor D3PAK for Surface Mount N-Channel Enhancement - Mode Silicon Gate
|
ETC Motorola, Inc ON Semiconductor
|
PSO0.5 |
RESISTOR, WIRE WOUND, 1.5 W, 5; 10; 20 %, 1000; 1500; 3000 ppm, 500 ohm - 500000000 ohm, CHASSIS MOUNT ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
IRF9620 FN2283 |
3.5A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET 3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET 3.5A 200V 1.500 Ohm P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRF430 |
4.5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA 4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
IRF610 FN1576 |
3.3A/ 200V/ 1.500 Ohm/ N-Channel Power MOSFET 3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
STW19NM50N STF19NM50N STP19NM50N |
N-channel 500 V, 0.2 Ohm, 14 A MDmesh(TM) II Power MOSFET in TO-247 N-channel 500 V, 0.2 Ohm, 14 A MDmesh(TM) II Power MOSFET in TO-220FP
|
ST Microelectronics
|
IRF830 FN1582 |
4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
SA90CA SA50 SA8.0CA SA8.0A SA7.0A SA6.0A SA5.0A SA |
DEVICES FOR BIPOLAR APPLICATIONS 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500瓦瞬态电压抑制器00瓦瞬变电压抑制器 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RES 511 OHM 1/10W .1% 0805 SMD 双极器件中的应用 DEVICES FOR BIPOLAR APPLICATIONS 双极器件中的应用 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 558,8 mm [22 in] lead wires CONNECTOR ACCESSORY
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRF450 |
13 A, 500 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3
|
MICROSEMI CORP-LAWRENCE
|
T-IXTD10P50 |
500 V, 0.9 ohm, P-CHANNEL, Si, POWER, MOSFET
|
IXYS CORP
|
2SK1524 FP15W50 |
15 A, 500 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET
|
|
|