PART |
Description |
Maker |
AAT3236 AAT3236IGV-28-T1 AAT3236IGV-285-T1 AAT3236 |
Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 300mA CMOS High Performance LDO 300mA的LDO稳压器的CMOS高性能 Quadruple 2-Input Positive-AND Gates 14-SSOP 0 to 70 300mA的LDO稳压器的CMOS高性能
|
Advanced Analogic Technolog... ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
IDT74ALVC32 |
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE
|
IDT
|
IDT74LVC86A 74LVC86A_DS_97860 |
3.3V CMOS QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE From old datasheet system
|
IDT
|
74AHCT86T14-13 74AHCT86S14-13 |
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES QUADRUPLE 2-INPUT EXCULSIVE OR GATES
|
Diodes Incorporated
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
AT49F8011-70CI AT49F8011-90CI AT49F8011T-90CC AT49 |
ATS-SSK 0525/110 Quadruple 2-Input Positive-NAND Gate 14-SO -40 to 85 Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PBGA48 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
Atmel Corp. Atmel, Corp.
|
HM6264AFP-10 HM6264AFP-10T HM6264AFP-12 HM6264AFP- |
3-Line To 8-Line Decoders/Demultiplexers 16-CFP -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CFP -55 to 125 8192字8位高速CMOS静态RAM 3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual 2-Line To 4-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM 8192-word x 8-bit High Speed CMOS Static RAM 8192字8位高速CMOS静态RAM Quadruple 2-Input Positive-NAND Schmitt Triggers 20-LCCC -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual Voltage-Controlled Oscillators 16-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125 Dual J-K Negative-Edge-Triggered Flip-Flops With Preset And Clear 16-CFP -55 to 125
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
AT49F512-70TC AT49F512 AT49F512-70VC AT49F512-70VI |
Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 Quadruple 2-Input Positive-NAND Gate 14-SSOP -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 512K 64K x 8 5-volt Only Flash Memory
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
IDTQS3125 IDTQS3125Q IDTQS3125S1 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
|
IDT[Integrated Device Technology]
|
UT54ACS02E UT54ACTS02E |
Quadruple 2-Input NOR Gate
|
Aeroflex Circuit Techno...
|
UT54ACS08 |
Quadruple 2-Input AND Gates
|
Aeroflex Circuit Techno...
|
74LVC08AS14-13 74LVC08AT14 74LVC08AT14-13 |
QUADRUPLE 2-INPUT AND GATES
|
Diodes Incorporated
|