PART |
Description |
Maker |
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
TC54VC1101ECBTR TC54VC1101ECTTR TC54VC1101EMBTR TC |
Voltage detector, Nch open drain, 4.1V, /-1% Voltage detector, Nch open drain, 4.0V, /-1% Voltage detector, Nch output, 2.1V, /-1% Voltage detector, Nch open drain, 2.0V, /-1% Voltage detector, Nch output, 6.0V, /-2% Voltage detector, Nch open drain, 6.0V, /-1% Voltage detector, Nch output, 5.0V, /-1% Voltage detector, Nch open drain, 7.3V, /-2% Voltage detector, Nch output, 7.2V, /-2% Voltage detector, Nch open drain, 7.1V, /-2% Voltage detector, Nch output, 6.9V, /-2% 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Voltage Detector 电压检测器 Voltage detector, Nch output, 1.8V, /-1% Voltage detector, Nch open drain, 1.8V, /-1% Voltage detector, Nch open drain, 7.0V, /-2% Voltage detector, Nch output, 7.0V, /-2% Voltage detector, Nch output, 7.1V, /-2% Voltage detector, Nch open drain, 7.2V, /-2% Voltage detector, Nch output, 7.3V, /-2% Voltage detector, Nch open drain, 5.0V, /-1% Voltage detector, Nch output, 2.0V, /-1% Voltage detector, Nch open drain, 2.1V, /-1% Voltage detector, Nch output, 4.0V, /-1%
|
http:// MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MCP112T-300LB MCP112T-300E MCP112T-290E MCP112T-29 |
Micropower Voltage Detector 微功耗电压检测器 PC Board Connector; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PBT Polyester; Contact Material:Brass; Gender:Female; Series:41815 (MCP111 / MCP112) Micropower Voltage Detector
|
Microchip Technology, Inc. Microchip Technology Inc.
|
BU4809 BU4809F-TR BU4809FP3-TR BU4809G-TR BU4811 B |
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
SS6729-4619CNTB SS6729-4619CNTR SS6729-4619CSTB SS |
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
|
Silicon Standard Corp.
|
NCP4672DR2G NCP4672 |
Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
|
ONSEMI[ON Semiconductor]
|
S-80845ALNP-EA9-T2 S-80821ALNP-EAJ-T2 S-80840ALNP- |
Low-voltage high-precision voltage detector
|
Epson Company
|
MB3761PF-E1 MB376106 |
VOLTAGE DETECTOR
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
BD4825FVE BD48XXFVE BD4823FVE BD4824FVE BD4826FVE |
Voltage Detector IC
|
ROHM[Rohm]
|
|