PART |
Description |
Maker |
HCF4044 HCF4044BM1 |
4000/14000/40000 SERIES, LOW LEVEL TRIGGERED R-S LATCH, TRUE OUTPUT, PDSO16 QUAD NAND 3-STATE R-S LATCH
|
STMICROELECTRONICS ST Microelectronics
|
AM26LS31 AM26LS31PC MC26LS31D 26LS31 |
Quad Line Driver with NAND Enabled Three-State Outputs QUAD EIA.422 LINE DRIVER WITH THREE.STATE OUTPUTS 1000V isoPLUS-264 AC/DC Power Solid State Relay QUADEIA.422LINEDRIVERWITHTHREE.STATEOUTPUTS
|
Motorola Inc Motorola, Inc. Motorola Inc
|
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
74LVC00ABQ 74LVC00AD |
Quad 2-input NAND gate 输入与非 Quad 2-input NAND gate LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PQCC14 74LVC00A; Quad 2-input NAND gate
|
NXP Semiconductors N.V. Philips
|
5962F9862501V9A 5962F9862501VCC 5962F9862501VXC AC |
Radiation Hardened Quad 2-Input NAND
Schmitt Trigger(抗辐射四2输入与非门施密特触发 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input NAND Schmitt Trigger
|
Intersil Corporation
|
MC26LS31 |
Quad Line Driver with NAND Enabled Three-State Outputs
|
Motorola, Inc
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74F13207 74F132SJ 74F132 74F132SC 74F132SCX |
F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 0.150 INCH, MS-120, SOIC-14 Quad 2-Input NAND Schmitt Trigger
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74AUP1G373GF 74AUP1G373GN |
Low-power D-type transparent latch; 3-state 低功D型透明锁存器;3 Low-power D-type transparent latch; 3-state AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D LATCH, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
DM7438 DM7438M DM7438N 7438SJ |
Quad 2-Input NAND Buffers with Open-Collector Outputs TTL/H/L SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Buffers with Open-Collector Outputs(输入与非门(集电极开路输出))
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|