PART |
Description |
Maker |
LP62E16512U-70LLT LP62E16512-T |
Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes 512K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
ISPLSI1048C ISPLSI1048C-50LG_883 1048C ISPLSI1048C |
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:5; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes In-System Programmable High Density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
126-93-964-41-003 126-93-210-41-001 126-93-210-41- |
Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Black; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Dual-in-line sockets Open frame Wire-wrap posts with solder tails 双列直插式插座开放帧线与焊尾包职 HookUp/Lead Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Temperature Max:200 C RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes 18 AWG (19X30) TINNED COPPER, THREE CONDUCTORS, FEP INSULATED RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:3 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-13169B; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SI9910 SI9910DJ SI9910DJ-T1 SI9910DY SI9910DY-T1 |
Adaptive Power MOSFET Driver1 自适应功率MOSFET Driver1 Paired Cable; Number of Conductors:24; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
11EQS04 |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:No RoHS Compliant: Yes Low Forward Voltage Drop Diode SBD
|
Nihon Inter Electronics Corporation
|
TMPR28051-3-SL5 TMPR28051 |
TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Number of Pairs:6; Impedance:100ohm; Voltage Nom.:300V RoHS Compliant: Yes
|
Agere Systems
|
BYT71F-800 -BYT71F-800 |
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil; Shielding Coverage:100%; Number of Pairs:2 RoHS Compliant: Yes Fast Recovery Rectifier Diodes(快速恢复整流二极管) Very low drop voltage regulators with inhibit
|
ST Microelectronics STMicroelectronics 意法半导
|
AAT3218 AAT3218IGV-1.2-T1 AAT3218IGV-1.5-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower⑩ High Performance LDO Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Conductor Material:Copper; Features:Augmented Category 6, CMR Rated RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Features:Augmented Category 6, CMR Rated; Jacket Color:Blue RoHS Compliant: Yes CB 17C 17#16 PIN RECP BOX 150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO UNKNOWN 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
ANALOGIC TECH ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
MIC5201-4.8BS MIC5201-3.3BM MIC5201-3.3BS MIC5201- |
Replaced by PTN78060W,PTN78060H : Unshielded Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 200mA Low-Dropout Voltage Regulator 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MC12U256HBFA-0QC00 MC1GU032HCYA-0QC00 MC1GU016HCFB |
CABLE, 9505, 5PAIR, 30.5M; Cores, No. of:10; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes CABLE, 9506, 6PAIR, PER M; Cores, No. of:12; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:5476C RoHS Compliant: Yes AC MEXICO Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Impedance:75ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:3uF; Capacitance Tolerance: 10%; Lead Pitch:20.6mm; Leaded Process Compatible:Yes; Series:MPF RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:4uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Package/Case:32; Series:MPF The HFC-S mini is not recommended for new projects. Please use XHFC-1SU instead. 多媒体卡规格 MultiMediaCard Specification 多媒体卡规格 MultiMediaCard Specification
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. Cologne Chip Samsung Semiconductor Co., Ltd.
|