PART |
Description |
Maker |
EPC16XXX EPC4XXX |
(EPC4 / EPC8 / EPC16) Enhanced Configuration Devices
|
Altera
|
MICROSMD005 MICROSMDB0B05 |
PolySwitch PTC Devices Overcurrent Protection Devi
|
Vicor Corporation Tyco Electronics
|
AT17C128 AT17C128-10JC AT17C128-10JI AT17C128-10PC |
FPGA Configuration E2PROM 64K X 1 CONFIGURATION MEMORY, PDSO20
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GS8320Z36GT-166 GS8320Z18GT-166 GS8320Z36GT-225 GS |
1 MEGABIT SERIAL CONFIGURATION PROM 流水线和流量分配36MB通过同步唑的SRAM 1 MEGABIT 3.3 VOLT SERIAL CONFIGURATION 流水线和流量分配36MB通过同步唑的SRAM 36Mb Pipelined and Flow Through Synchronous NBT SRAM 流水线和流量分配36MB通过同步唑的SRAM Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 256K 3.3 VOLT SERIAL CONFIGURATION PROM 128K SERIAL CONFIGURATION PROM
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
AT17C128A AT17C128A-10JC AT17C128A-10JI AT17C65A A |
High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-PDIP -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SOIC -55 to 125 FPGA Configuration EEPROM 128K X 1 CONFIGURATION MEMORY, PQCC20 FPGA Configuration EEPROM 256K X 1 CONFIGURATION MEMORY, PQCC20 FPGA Configuration EEPROM FPGA配置的EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT17LV65A-10JC AT17LV65A06 AT17LV256A-10JI AT17LV6 |
FPGA Configuration EEPROM Memory 10MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) 512K X 1 CONFIGURATION MEMORY, PQCC20
|
ATMEL Corporation ATM Electronic, Corp.
|
AT17LV020-10JC AT17LV020-10JI AT17LV020 AT17C020-1 |
10MHZ, 3.3V, 20 PLCC, IND TEMP(FPGA) 2M X 1 CONFIGURATION MEMORY, PQCC20 2-megabit FPGA Configuration EEPROM Memory
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
XC17S50APDG8C XC17S50ASO20C |
XC2S50 PROM C grade 559200 X 1 CONFIGURATION MEMORY, PDIP8 SERIAL PROM FOR 50000 SYSTEM GATE LOGIC 559200 X 1 CONFIGURATION MEMORY, PDSO20
|
Xilinx, Inc.
|
ATT17128-P8 ATT1736-P8 |
128K X 1 CONFIGURATION MEMORY, PDIP8 36288 X 1 CONFIGURATION MEMORY, PDIP8
|
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
AT17F040A-30CU AT17F040A-30QI AT17F040A-30JU AT17F |
FPGA Configuration Flash Memory 30MHZ, 32 TQFP, COM TEMP(FPGA) 8M X 1 CONFIGURATION MEMORY, PQFP32 30MHZ, 32 TQFP, COM TEMP(FPGA) 4M X 1 CONFIGURATION MEMORY, PQFP32
|
http:// Atmel, Corp. ATMEL Corporation
|
PSHI75D-06 PSHI75D_06 PSHI75D/06 PSHI75D06 |
IGBT Module H-Bridge Configuration IGBT Module PSHI H-Bridge Configuration
|
Powersem GmbH
|