PART |
Description |
Maker |
MC3448A MC3448AD MC3448AL MC3448AP |
QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS QUAD LINE TRANSCEIVER, PDIP16 Bidirectional Instrumentation Bus Transceiver
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
88E1040 88E1041 88E1042H |
Alaska Quad 88E1040S (Quad-Port) Transceiver Alaska Quad 88E1041S (Quad-Port) Transceiver 阿拉斯加?四88E1041S(四端口)收发器 Alaska Quad 88E1042H (Quad-Port) Transceiver 阿拉斯加?四88E1042H(四端口)收发器
|
Electronic Theatre Controls, Inc.
|
IDT82P2284 IDT82P2284BB |
Quad T1/E1/J1 Long Haul / Short Haul Transceiver 四T1/E1/J1收发长短途收发器 Quad T1/E1/J1 Long Haul / Short Haul Transceiver DATACOM, PCM TRANSCEIVER, PBGA208
|
Integrated Device Technology, Inc.
|
BCM5414 |
Quad-Port 10/100/1000BASE-T Gigabit Copper Transceiver with RTBI and HSTL Level RGMII Interface From old datasheet system QUAD-PORT GIGABIT COPPER TRANSCEIVER
|
Broadcom ETC
|
ICL3237CA ICL3237CA-T ICL3237CAZ ICL3237CAZ-T ICL3 |
1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers(1微安电源电流, 3V5.5V, 1Mbps, RS-232收发
|
INTERSIL[Intersil Corporation]
|
HIN236CBZ HIN232 HIN238CBZ-T HIN232CBZ-T HIN232CP |
5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD LINE TRANSCEIVER, PDSO24 5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP16 QUAD LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
CYV15G0404DXB CYV15G0404DXB-BGC CYV15G0404DXB-BGI |
Independent Clock Quad HOTLink II Transceiver with Reclocker Independent Clock Quad HOTLink II Transceiver with Reclocker
|
Cypress Semiconductor
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|