PART |
Description |
Maker |
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
XC9572-15P XC9572-15TQ100I XC9572-15TQ100C XC9572- |
XC9572 In-System Programmable CPLD From old datasheet system XC9572 In-System Programmable CPLD XC9572在系统可编程的CPLD XC9572 In-System Programmable CPLD FLASH PLD, 7.5 ns, PQFP100 XC9572 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44 XC9572 In-System Programmable CPLD FLASH PLD, 15 ns, PQFP100
|
XILINX INC XILINX[Xilinx, Inc] Xilinx, Inc.
|
10000 10003 10691 28105 10100 10103 10106 10400 10 |
Smooth, high torque, roller ratchet handle
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
BFL6 |
Aero-Motive BFL Balancer, Weight Range 3-6 lbs with Ratchet Lock
|
Molex Electronics Ltd.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
1301750003 SD-130175-004 10FLR |
Aero-Motive Heavy Duty Retractors, Weight Range 4-10 lbs with Ratchet Lock
|
Molex Electronics Ltd.
|
XC2C384-10FTG256I XC2C384-10PQG208I XC2C384-7FTG25 |
384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PBGA256 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PQFP208 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 7.5 ns, PBGA256 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PBGA324 XC2C384 CoolRunner-II CPLD
|
Xilinx, Inc. XILINX INC
|
161-12 03730 004330 256258 |
Wiha Flag Handle and Offset Screwdriver.
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
13915 |
Item 13915, Size No. 1 Phillips Screwdriver
|
List of Unclassifed Manufacturers
|