PART |
Description |
Maker |
CS8183 CS8183.REV11 |
Dual Micropower 200 mALow Dropout TrackingRegulator/Line Driver From old datasheet system
|
ON Semiconductor
|
LT1101 LT1101AC LT1101ACH LT1101ACJ8 LT1101ACN8 LT |
From old datasheet system Precision Micropower Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) JT 18C 18#20 PIN WALL RECP Precision/ Micropower/ Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
|
LINER[Linear Technology] Linear Technology Corporation
|
CS9202YDFR8G CS920206 CS9202YDF8 CS9202YDF8G CS920 |
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
http:// ONSEMI[ON Semiconductor]
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|
NCP1400ASN38T1G NCP1400A NCP1400ASN27T1G NCP1400AS |
100 mA, Fixed Frequency PWM Step−Up Micropower Switching Regulator
|
ONSEMI[ON Semiconductor]
|
CS8101YDR8 CS8101YDR8G CS8101YD8 CS8101YDWF20 CS81 |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
|
ONSEMI[ON Semiconductor]
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AMS1004-1.2AL AMS1004-1.2AN AMS1004-1.2BL AMS1004A |
MICROPOWER VOLTAGE REFERENCE JT 5C 5#16 SKT WALL RECP JT 37C 37#22D PIN RECP MICROPOWER VOLTAGE REFERENCE 微功耗电压参 1.2V Two-terminal micropower band-gap voltage reference diode
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc.
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
A3212LUA-T A3212 A3212EEHLT A3212EEHLT-T A3212EELL |
MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH 微功耗,超灵敏霍尔开关外汇FECT 3212 Micropower, Ultrasensitive Omnipolar Hall-Effect Switch
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
LT1789CS8-10-PBF LT1789IS8-10-PBF LT1789CS8-10-TR |
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C INSTRUMENTATION AMPLIFIER, 100 uV OFFSET-MAX, 0.06 MHz BAND WIDTH, PDSO8 Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 160 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|