PART |
Description |
Maker |
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
|
Comchip Technology
|
P6KE200 P6KE47 P6KE51 P6KE300 P6KE56 P6KE33 P6KE75 |
TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器(TransZorb瞬变电压抑制器) TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
GE Security, Inc. GE[General Semiconductor] Panjit International Inc Shanghai Sunrise Electronics
|
ATV04A360J-HF ATV04A360JB-HF ATV04A580J-HF ATV04A5 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=140V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=8.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=130V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=300V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=16V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=18V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=20V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
SMCG24 SMCG24A SMCJ5.0 SMCJ60 SMCJ60A SMCJ78 SMCJ1 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 CMOS Hex Inverter 14-CDIP -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk INDUCTEL SENSOR RS 485-232 CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 Replaced by CD4020B : CMOS 14-Stage Ripple-Carry Binary Counter/Divider 16-CDIP -55 to 125 SURFACE MOUNT TRANSZORB垄芒 TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
DF3A6.8FUT1 DF3A6.8FUT1G |
Zener Transient Voltage Suppressor Zener Transient Voltage Suppressor(齐纳瞬态电压抑制器) 150 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE SC70 Zener Transient Voltage Suppressor
|
ON Semiconductor
|
DLZ5 DLZ19C DLZ19CA DLZ8CA DLZ12A DLZ13C DLZ17A |
Transient Voltage Suppressor / Data Line Transient Suppressor Transient Voltage Suppressor 1300 W, UNIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE Transient Voltage Suppressor 1300 W, BIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
P4KA30A P4KA20 P4KA20A P4KA6.8A P4KA6.8 P4KA7.5A P |
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR 汽车瞬态电压抑制器 Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 25V; Packaging: Tape & Reel Automotive Transient Voltage Suppressor(汽车瞬变电压抑制
|
GE Security, Inc. GE[General Semiconductor]
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
1.5KE18A 1.5KE24A 1.5KE9V1CA 1.5KE100A 1.5KE100CA |
1500W TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB Transient Voltage Suppressors TRANSZORB瞬态电压抑制器 1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 Zener TVSs TRANSZORB Transient Voltage Suppressors
|
Diodes, Inc. Electronic Theatre Controls, Inc. Diodes Inc. Vaishali Semiconductor DIODES[Diodes Incorporated]
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
P6KE8V2A P6KE18A P6KE100A P6KE10A P6KE110A P6KE11A |
600 Watt Transient Voltage Suppressors GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
|
Panjit International Inc FAIRCHILD[Fairchild Semiconductor]
|
|