PART |
Description |
Maker |
AC16FSMA AC16DSMA |
16A resin insulating TRIAC 16A MOLD ISOLATED TRIAC
|
NEC[NEC]
|
AC10FSMA AC10DSMA |
10 A RESIN INSULATION TYPE TRIAC 10阿树脂绝缘型可控 10A resin insulated TRIAC
|
NEC, Corp. NEC[NEC]
|
255.08 255.0899.5001 255.0899.4001 |
Insulating nuts for CF8-Fuse links
|
Littelfuse, Inc.
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ220-8B CQ220-8D CQ220-8M CQ220-8N |
8.0 AMP TRIAC 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ220-12B CQ220-12D CQ220-12M CQ220-12N |
Leaded Thyristor TRIAC 12 AMP TRIAC 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 400 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2N6346A 2N6347A 2N6345A 2N6343A 2N6348A 2N6342A 2N |
12-A silicon triac. 200 V. 12-A silicon triac. 400 V. 12-A silicon triac. 800 V. 12-A silicon triac. 600 V.
|
General Electric Solid State
|
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
X24165SG-2.7 X24165GV X24165GG X24165GP X24165F X2 |
Advanced 2-Wire Serial E2PROM with Block LockTM Protection TRIAC,TMG3C60F,3A,600V TO-220F,THRUHOLE NON-ISOLATED TRIAC,TMG2D80D,2A,800V,TO-252 D PACK,SMD SENSITIVE GATE TRIAC,TMG2DQ60D,2A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC) TRIAC,TMG3C60D,3A,600V,TO-252 D PACK,SMD STANDARDTRIAC TRIAC,TMG16D80F,16A,800V TO-220F,THRUHOLE ISOLATED TRIAC,TMG3CQ60D,3A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC)
|
IC MICROSYSTEMS Sdn. Bhd.
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
8AS-12 BCR20B-8 BCR25A-8 |
600 V, 0.8 A, TRIAC 400 V, 20 A, TRIAC TRIGGER OUTPUT SOLID STATE RELAY
|
|
|