PART |
Description |
Maker |
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
FDFMA2N028Z08 FDFMA2N028Z |
20V Integrated N-Channel PowerTrenchMOSFET and Schottky Diode Integrated N-Channel PowerTrench㈢ MOSFET and Schottky Diode 20V, 3.7A, 68mヘ Integrated N-Channel PowerTrench庐 MOSFET and Schottky Diode 20V, 3.7A, 68m惟 Integrated N-Channel PowerTrench? MOSFET and Schottky Diode 20V, 3.7A, 68mΩ
|
Fairchild Semiconductor
|
IRF3706 IRF3706L IRF3706S IRF3706STRL IRF3706STRR |
20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRL3714Z IRL3714ZL IRL3714ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier IR
|
STP210NF02 STB210NF02-1 STB210NF02 8543 STB210NF02 |
N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ITF87056DQT |
5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET 5A0V的,0.045欧姆,双P沟道.5V的指定功率MOSFET 5A/ 20V/ 0.045 Ohm/ Dual P-Channel/ 2.5V Specified Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRFU3706 IRFR3706 IRFR3706PBF IRFR3706TR IRFR3706T |
20V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A?) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=75A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A? 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
IRF[International Rectifier]
|
STS4DPFS2LS |
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V 0.06 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
STS4PF20V |
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET?/a> II POWER MOSFET P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET⑩ II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|