PART |
Description |
Maker |
80CPTN015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
85CNQ015 85CNQ015SM 85CNQ015SL |
15V 80A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER 80 Amp 15V 80A Schottky Common Cathode Diode in a D61-8-SM package 15V 80A Schottky Common Cathode Diode in a D61-8-SL package
|
IRF[International Rectifier]
|
20L15TS 20L15T |
15V 20A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
19TQ015 19TQ015S 19TQ015STRL 19TQ015STRR |
15V 19A Schottky Discrete Diode in a D2-Pak package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
125NQ015 125NQ015R 125NQ015PBF |
120 A, 15 V, SILICON, RECTIFIER DIODE 15V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 15V 120A Schottky Discrete Diode in a D-67 HALF-Pak package
|
International Rectifier
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
80CPQ150 |
150V 80A Schottky Common Cathode Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
11DQ06 11DQ06TR 11DQ05TR 11DQ05 |
SCHOTTKY RECTIFIER 肖特基整流器 50V 1.1A Schottky Discrete Diode in a DO-204AL package 60V 1.1A Schottky Discrete Diode in a DO-204AL package
|
International Rectifier, Corp. IRF[International Rectifier]
|
81CNQ045 81CNQ 81CNQ035 81CNQ040 81CNQ045SL 81CNQ0 |
SCHOTTKY RECTIFIER 80 Amp 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
IRF[International Rectifier]
|
80CNT020A 80CNT020ASL 80CNT020ASM |
20V 80A Trench Schottky Common Cathode Diode in a D61-8-SM package 20V 80A Trench Schottky Common Cathode Diode in a D61-8-SL package 20V 80A Trench Schottky Common Cathode Diode in a D61-8 package TRENCH SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|