PART |
Description |
Maker |
FTSO918 FTSO3567 |
NPN small signal high frequency amplifier & oscillator. NPN small signal general purpose amplifier.
|
Fairchild Semiconductor
|
FTSO5130 FTSO5128 |
NPN small signal RF amplifier & oscillator. NPN small signal general purpose amplifier & switch.
|
Fairchild Semiconductor
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
FTSO2710 2N2710 FTSO2904 FTSO2904A |
PNP small signal general purpose amplifier & switch . NPN Small Signal High Speed Low Power Saturating Switch Transistor npn型小信号高速低功耗饱和开关晶体管
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BC33825 BC33740 BC337 BC33840 BC33716 BC33725 BC33 |
Switching and Amplifier Applications Suitable for AF-Driver stages and low power output stages RES 220 OHMS 1% 1/4W 1206 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 SWITCHING AND AMPLIFIER APPLICATIONS 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
FTSO4124 FTSO4125 FTSO4123 FTSO4126 FTSO4209 |
NPN small signal general purpose amplifier & switch. PNP small signal general purpose amplifier & switch. PNP small signal ultra high speed saturated switch.
|
Fairchild Semiconductor
|
BC548ABC BC547ABC ON0152 BC546 BC548C BC548 BC546B |
Amplifier Transistor NPN From old datasheet system CASE 29-04, STYLE 17 TO-2 (TO-226AA) Amplifier Transistors(NPN Silicon) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2N947 2N709A 2N930B 2N720A 2N726 2N718A 2N760A 2N8 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Seme LAB Microsemi Corporation CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N5088TA 2N5088TAR 2N5088D81Z |
NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
|