PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2M5991 2N5989 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS 12安培功率晶体管互补性的芯片40,60,8000 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40/60/80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 /60 /80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 406080 VOLTS 100 WATTS
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MJF31C MJF32C MJF31C-D |
Complementary Silicon Plastic Power Transistors for Isolated Package Applications 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS
|
ONSEMI[ON Semiconductor]
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJ11022 MJ11018 MJ11021 ON1975 MJ11017 |
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS From old datasheet system 30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60-120 VOLTS 200 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
TIP111 TIP110 TIP117 TIP112 TIP115 TIP116 ON2978 |
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
D45C |
4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
|
Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
MJ3001 MJ2501 |
10 Ampere Darlington Power Transistors Complementary Silicon
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
MJ3040 MJ3041 MJ3042 |
DARLINGTON 10 AMPERE POWER TRANSISTORS NPN SILICON
|
Motorola, Inc
|
D44VH D45H |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
|
Motorola
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|