PART |
Description |
Maker |
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
AT28C16-15 AT28C16-15SI AT28C16E-15SI AT28C16 AT28 |
64K 8K x 8 Battery-Voltage CMOS E2PROM 2K X 8 EEPROM 5V, 150 ns, PDSO24 16K (2K x 8) Parallel EEPROMs 16K 2K x 8 CMOS E2PROM
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
93C86 93C86-EP 93C86-ESN 93C86-IP 93C86-ISN 93C86- |
8K/16K 5.0V Microwire Serial EEPROM 16K 5.0V Microwire Serial EEPROM(4.5~5.5V,16K10M次擦写周具上掉电数据保护电路,EEPROM) 8K/16K 5.0V Microwire Serial EEPROM 8K/16K 5.0V Microwire串行EEPROM Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:400V; Forward Current Avg Rectified, IF(AV):300A; Non Repetitive Forward Surge Current Max, Ifsm:6500A; Forward Voltage Max, VF:1.4V; Package/Case:DO-205 8K/16K 5.0V Microwire串行EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
CAT25128XI-T2 CAT25128VE-T2 |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Rectron Semiconductor
|
HT24LC16 |
CMOS 16K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
IS24C02A-2ZI IS24C04A-2PI |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
CAT1161LI-28-G CAT1162LI-28-G CAT1162WI-25-GT3 CAT |
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null Supervisory Circuits withI2C Serial CMOS EEPROM,
|
ON Semiconductor
|
24C080-EP 24C080-ESN 24C080-IP 24C080-ISN 24C080-P |
8K,16K 5.0V SPI bus EEPROM 8K/16K 5.0V SPI Bus Serial EEPROM 8K/16K 5.0V SPI总线串行EEPROM 8K/16K5.0VSPIBusSerialEEPROM 8K/16K 5.0V SPI Bus Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
AX24C04A AX24C02A |
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
AXElite
|
CAT24AC128J-1.8 CAT24AC128JI-1.8 CAT24AC128J-1.8TE |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.210 INCH, LEAD AND HALOGEN FREE, EIAJ, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, LEAD AND HALOGEN FREE, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
P2405HD5 P2405HD3 P0712HD2 P0712HD5 P0712HD3 |
MCU CMOS 68 LD 33MHZ 16K EPRM, 0C to 70C, 68-PLCC, T/R MCU CMOS 64 LD 33MHZ 16K EPRM, -40C to 85C, 64-TQFP, TRAY 20LD 20MHZ 2K EPRM/128 EEPROM, -40C to 125C, 20-SSOP 208mil, TUBE DC至DC转换 20LD 20MHZ 2K EPRM/128 EEPROM, -40C to 85C, 20-SSOP 208mil, TUBE DC至DC转换 18LD 20MHZ 2K EPRM/128 EEPROM, -40C to 85C, 18-SOIC 300mil, TUBE DC至DC转换
|
Data Delay Devices, Inc. Orion Fans
|