PART |
Description |
Maker |
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AT27BV040-15TC AT27BV040-15TI AT27BV040-15JI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-TSSOP -55 to 125 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
74LVC541ATTR 74LVC541AMTR |
LOW VOLTAGE OCTAL D-TYPE LATCH HIGH PERFORMANCE
|
ST Microelectronics
|
2SC4709 |
NPN Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications High-Voltage Amplifier/ High-Voltage Switching Applications
|
Sanyo Semicon Device Toshiba Semiconductor
|
AT28LV64B-20JI AT28LV64B-25TC AT28LV64B-25PC |
64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 8K X 8 EEPROM 3V, 250 ns, PDSO28 High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 8K X 8 EEPROM 3V, 200 ns, PQCC32
|
ATMEL Corporation Atmel, Corp.
|
74LVC245AMTR |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
|
STMicroelectronics
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
TC1072 TC1073-50VCH TC1072-25VCH TC1072-27VCH TC10 |
The TC1072 and TC1073 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Designed specifically for battery-operated systems, the devices’ CMOS construction eliminates wasted ground curre The TC1072 and TC1073 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Designed ... 50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass From old datasheet system
|
MICROCHIP[Microchip Technology]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
MC08ED150J-F MC08CA020D-F MC08CA050D-F MC08CA060D- |
Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|