PART |
Description |
Maker |
TE28F004B3B110 TE28F004B3B90 TE28F004B3T110 TE28F0 |
3 Volt Advanced Boot Block Flash Memory
|
INTEL[Intel Corporation]
|
TE28F640B3 |
(TE28Fxxx) 3 Volt Advanced Boot Block Flash Memory
|
Intel Corporation
|
28F320C3 |
3 Volt Advanced Boot Block Flash Memory(3 V 高级快速引导块闪速存储器) 32M X 8 FLASH 3V PROM
|
Intel, Corp.
|
TE28F320C3BD70 GE28F160C3BD70 TE28F320C3TA110 TE28 |
Advanced Boot Block Flash Memory (C3)
|
Intel Corporation
|
AT49F001AT-55VI AT49F001A AT49F001A-45JI AT49F001A |
128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash. 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
TE28F008B3B120 |
SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE 1M X 8 FLASH 3V PROM, 120 ns, PDSO40
|
Intel, Corp.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CAT28F001 CAT28F001P-12BT CAT28F001TI-70BT CAT28F0 |
90ns 1M-bit CMOS boot block flash memory 70ns 1M-bit CMOS boot block flash memory 150ns 1M-bit CMOS boot block flash memory 120ns 1M-bit CMOS boot block flash memory 120ns 1M-bit CMOS Boot Block Flash Memory 1 Megabit CMOS Boot Block Flash Memory
|
CATALYST[Catalyst Semiconductor]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT49LV160 AT49BV160 AT49LV161 AT49BV161 |
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory 16M bit. 3.0-Volt Read and 3.0-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit . 2.7-Volt Sectored (Top Boot)
|
ATMEL Corporation
|