PART |
Description |
Maker |
NTE7105 |
Integrated Circuit Dual 10W 10W Stereo Amplifier
|
NTE Electronics
|
PA2009L-J11-A-T PA2009G-J11-A-T PA2009-J11-A-T |
10 10W STEREO AMPLIFIER
|
Unisonic Technologies
|
TDA2009 TDA2009A |
10 +10W STEREO AMPLIFIER
|
STMicroelectronics
|
PAM8006 PAM8006HR PAM8006TR |
10W Stereo Class-D Audio Power Amplifier
|
Power Analog Micoelectronics
|
RT9116GQW |
10W Stereo Class-D Speaker Driver Amplifier
|
Richtek Technology Corp...
|
MAX9702EUI MAX9702BEUI MAX9702BETI MAX9702ETI MAX9 |
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier 1.8W的,滤波,立体声D类音频功率放大器和DirectDrive立体声耳机放大
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
BA3612AKV A5801089 |
Audio LSIs > Headphone stereo amplifier > Prepower amplifier for headphone stereo Pre-power amplifier for headphone stereos From old datasheet system
|
ROHM[Rohm]
|
AT49LV040- AT49LV040-15JI AT49LV040-15TI AT49LV040 |
LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: MINI SOIC LM45 SOT-23 Precision Centigrade Temperature Sensors; Package: SOT-23; No of Pins: 3 LM4908 Boomer ® Audio Power Amplifier Series 10kV ESD Rated, Dual 120 mW Headphone Amplifier; Package: SOIC NARROW; No of Pins: 8 LM4670 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 LM4668 Boomer ® Audio Power Amplifier Series 10W High-Efficiency Mono BTL Audio Power Amplifier; Package: LLP; No of Pins: 14 LM4668 Boomer ® Audio Power Amplifier Series 10W High-Efficiency Mono BTL Audio Power Amplifier; Package: TSSOP EXP PAD; No of Pins: 20 LM4665 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1W Switching Audio Amplifier; Package: MINI SOIC; No of Pins: 10 LM4911 Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output; Package: MINI SOIC; No of Pins: 10 LM4914 Boomer ® Audio Power Amplifier Series 1W Monaural, 85mW Stereo Headphone Audio Amplifier; Package: TSSOP EXP PAD; No of Pins: 10 LM4905 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: LLP; No of Pins: 8 LM4667 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.3W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: LLP; No of Pins: 10 LM4562 Dual High Performance, High Fidelity Audio Operational Amplifier; Package: TO-99; No of Pins: 8 LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier; Package: MICRO SMD; No of Pins: 16 LM4913 2W Monaural, 90mW Stereo Headphone Audio Amplifier; Package: TSSOP EXP PAD; No of Pins: 10 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA42 LM4666 Boomer ® Audio Power Amplifier Series Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier; Package: LLP; No of Pins: 14 512K X 8 FLASH 3V PROM, 150 ns, PBGA42 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 150 ns, PQCC32 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: MINI SOIC; No of Pins: 8 512K X 8 FLASH 3V PROM, 150 ns, PDSO32 LM4905 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: MINI SOIC; No of Pins: 8 512K X 8 FLASH 3V PROM, 150 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
LA42102 |
10 W, 2 CHANNEL, AUDIO AMPLIFIER, SFM13 Monolithic Linear IC Audio Output for TV application 10W 2ch Power Amplifier Monolithic Linear IC Audio Output for TV application 10W 】 2ch Power Amplifier Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
AD5266 |
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
|
Elite Semiconductor Memory Technology Inc.
|
APA2060QBI-TRG |
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
|
Anpec Electronics Coropration
|