PART |
Description |
Maker |
HM6264AFP-10 HM6264AFP-10T HM6264AFP-12 HM6264AFP- |
3-Line To 8-Line Decoders/Demultiplexers 16-CFP -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CFP -55 to 125 8192字8位高速CMOS静态RAM 3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual 2-Line To 4-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM 8192-word x 8-bit High Speed CMOS Static RAM 8192字8位高速CMOS静态RAM Quadruple 2-Input Positive-NAND Schmitt Triggers 20-LCCC -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual Voltage-Controlled Oscillators 16-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125 Dual J-K Negative-Edge-Triggered Flip-Flops With Preset And Clear 16-CFP -55 to 125
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
ICS9148-46 ICS9148YF-46 |
Pentium/ProTM System Clock Chip 奔腾/ ProTM系统时钟芯片 133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO28 SSOP-28 Replaced by TIBPAL20R8-7M : High-Performance Impact-X<TM> PAL(R) Circuits 24-CFP -55 to 125
|
Integrated Circuit Syst... Integrated Device Technology, Inc. Integrated Circuit Systems
|
IDT72V36100 IDT72V36100L10PF IDT72V36100L15PF IDT7 |
3.3 VOLT HIGH-DENSITY SUPERSYNC⑩ II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II 36-BIT FIFO
|
IDT[Integrated Device Technology]
|
V43648S04VTG-10PC |
3.3 Volt 8M x 64 High Performance PC100 SDRAM Module with Unbuffered(3.3V 8M*64位高性能无缓冲器PC100 SDRAM模块) 3.3 Volt 8M x 64 High Performance PC100 SDRAM Module with Unbuffered(3.3V 8M*64浣???ц?????插?PC100 SDRAM妯″?)
|
Mosel Vitelic, Corp.
|
HER103 HER104 HER101 HER106 HER102 HER105 |
Triple 3-Input Positive-NOR Gates 14-CFP -55 to 125 Quadruple 2-Input Positive-OR Gates 14-CDIP -55 to 125 1.0A HIGH EFFICIENCY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
DS1814C DS1819A DS1814A DS1814B DS1819B DS1819C |
3.3 Volt EconoMonitor(3.3 V Econo复位监控 5 Volt Volt EconoMonitor(5 V Econo复位监控 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
HER108 |
Octal D-type Transparent Latches With 3-State Outputs 20-CFP -55 to 125
|
?哄?绉???′唤??????
|
CRHV1206AA5M00FKDT AF200MFLFT |
SMD HIGH VOLT,1206,300MW,1500V,3 SIDED,5M,1%,100PPM HSD PART - Tape and Reel CRHV Thick Film Chip Resistors, High Voltage
|
Vishay Techno
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
RD28F3204W30B70 GT28F640W30T85 |
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
|
Intel Corporation
|