PART |
Description |
Maker |
DM7093 DM8094 DM7094 DM8093 |
TRI-STATE Hex Buffers
|
List of Unclassifed Manufacturers ETC[ETC]
|
SN54_74LS798 SN54_74LS797 SN54_74LS796 SN54_74LS79 |
TRI-STATE OCTAL BUFFERS From old datasheet system
|
ON Semi
|
XC7WT14DC XC7WT14DP XC7WT14GD |
High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
|
NXP Semiconductors
|
74ABT899CQC 74ABT899 74ABT899CSC 74ABT899CMSA 74AB |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP 0 to 70 ABT SERIES, 9-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO28 Octal Buffers/Drivers With 3-State Outputs 20-SSOP 0 to 70 9位锁存收发器奇偶发生检 From old datasheet system 9-Bit Latchable Transceiver with Parity Generator/Checker
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT54FCT162952CTEB IDT74FCT162952BTPV IDT73720 IDT |
CAP 6.8UF 20V 20% TANT SMD-6032-15 TR-7-PL SN/PB5% LOWESR-1400 FCT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-BIT TRI-PORT BUS EXCHANGER
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74LVCH16260A |
3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|
5962H0254301QXA 5962H0254301QXC 5962H0254301VXA 59 |
RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver. CMOS compatible I/O level. Lead finish solder. RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 3E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 5E5 rad(Si).
|
Aeroflex Circuit Technology
|
IDT74FCT16260CT IDT74FCT16260ET IDT74FCT16260AT |
FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|
HEC4049 HEC4049B HEF4049 HEF4049B HEF4049BD HEF404 |
IC-4000 LOCMOS buffers HEX inverting buffers 六角反相缓冲区缓冲区
|
NXP Semiconductors N.V. Philips Semiconductors
|
V74ACT827PS |
CMOS 10-BIT BUFFERS AND DRIVERS
|
ETC
|