PART |
Description |
Maker |
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
ML2011 |
GSM SINGLE-CHIP BASEBAND PROCESSOR
|
ETC[ETC]
|
BCM4326 BCM94326 |
AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
|
Broadcom Corporation.
|
BCM4319XKUBGT |
Single-Chip IEEE 802.11?a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
|
Cypress Semiconductor
|
BCM4325GKWLG BCM4325HKFBG BCM4325HKWLG |
SINGLE CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED BLUETOOTH 2.1 EDR AND FM RECEIVER FOR LOW-POWER MOBILE HANDSET
|
Broadcom Corp.
|
BCM4325GKFBG BCM4325H BCM4325HKWLG BCM4325 BCM4325 |
SINGLE CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED BLUETOOTH 2.1 EDR AND FM RECEIVER FOR LOW-POWER MOBILE HANDSET
|
BOARDCOM[Broadcom Corporation.]
|
AN6591FJM |
Transmission / reception, single chip PLL IC for PHS, cordless telephone TELECOM, CORDLESS, RF AND BASEBAND CIRCUIT, PQCC44 For InformationCommunication - Cellular Phone
|
Panasonic, Corp.
|
AT76C509 |
AT76C509 single-chip WLAN MAC and Baseband with low power ARM7TDMIR RISC. Ethernet to Wireless Bridge Low-Cost Access Point
|
ATMEL Corporation
|
BCM43570KFFBG |
Single-Chip 5G WiFi IEEE 802.11ac 2×2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
|
Cypress Semiconductor
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|