PART |
Description |
Maker |
PF502N PF505N PF507N PF501N PF503N PF504N PF506N |
KPT06E10-6SDN KPT 6C 6#20 SKT PLUG 50Amp Fast Recover Rectifier 50 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
STF6N62K3 STP6N62K3 STI6N62K3 STFI6N62K3 STU6N62K3 |
N-channel 620 V, 0.95 Ohm, 5.5 A SuperMESH3(TM) Power MOSFET in I2PAKFP package N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP, I2PAK, TO-220, IPAK packages
|
STMicroelectronics STATEK CORPORATION ST Microelectronics
|
PCN10-90S-2.54WA PCN10-90S-2.54WB PCN10-50S-2.54WB |
Product Compliant to DIN41612/IEC603-2 Standard 产品符合标准的DIN41612/IEC603-2 KPT 6C 6#20 PIN PLUG KPT 6C 6#20 SKT PLUG RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:N Jack RoHS Compliant: Yes CAP 220PF 50V CERAMIC MONO 5% Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No KPT 18C 18#20 SKT PLUG RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Panel Flanged Jack; Series:SMA RoHS Compliant: Yes
|
http:// HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC.
|
4N37V-M 4N37TV-M 4N25SR2V-M 4N25300 4N25 4N26 4N36 |
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 一般用途的6引脚光电晶体管光电耦合 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER KPT02A12-8P KPT 3C 3#16 PIN RECP KPT 19C 19#20 PIN PLUG
|
Fairchild Semiconductor, Corp. http:// Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Rohm
|
10-315A 170M1560 170M1561 170M1562 170M1564 170M15 |
Square Body ?DIN 43 620
|
Cooper Bussmann, Inc.
|
031-8704-203 KPT06E22-41PF80 4-20UNEF 16-20UNEF 16 |
KPT General purpose solder contact connectors The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc High performance, Crimp termination, Closed entry socket contacts General purpose, Solder termination, Closed entry socket contacts KPSE High performance crimp contact connectors The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
|
ITT Industries List of Unclassifed Manufacturers List of Unclassifed Man...
|
PC2004-M |
KPT 10C 10#20 SKT PLUG OUTLINE DIMENSION & BLOCK DIAGRAM
|
Powertip Technology Corp. POWERTIP[Powertip Technology]
|
06-MAR A25-1 |
2 TO 1500 MHz CASCADABLE AMPLIFIER KPT 61C 61#20 PIN RECP
|
Tyco Electronics
|
HA1E-DC12VNBSP HA1-DC12VNBSP HA1E-DC9V HA1-AC115 H |
KPT 10C 10#20 SKT RECP COST SAVING SUBMINIATURE PC BOARD RELAYS
|
NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
C390CX550 C390DX550 C390AX550 C390BX550 |
Phase Control SCR 620 Amperes Avg 100-400 Volts
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
MC1660 MC1660L ON0955 |
Dual 4-Input OR/NOR Gate L SUFFIX CERAMIC PACKAGE CASE 620-10 From old datasheet system
|
Motorola, Inc ON Semi
|
STF6N62K3045Y |
N-channel 620 V, 0.95 Ohm typ., 5.5 A MDmesh K3 Power MOSFET in TO-220FP narrow leads package
|
ST Microelectronics
|