PART |
Description |
Maker |
PCF8594C-2 PCF8594C-2P PCF8594C-2T PCF8598C-2 PCF8 |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 ? 8-bit CMOS EEPROMs with I2C-bus interface
|
PHILIPS[Philips Semiconductors] Integrated Circuit Systems
|
IDT72210 IDT72210L12TC IDT72210L12TCB IDT72210L12T |
CMOS SyncFIFOO 64 x 8 256 x 8 512 x 8 1024 x 8 2048 x 8 and 4096 x 8 Dual High Output Current Operational Amplifier 8-SOIC -40 to 85 Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 的CMOS SyncFIFOO 64 × 856 × 812 × 8024 × 8048 × 8096 × 8 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 1K X 8 OTHER FIFO, 25 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 2K X 8 OTHER FIFO, 25 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 4K X 8 OTHER FIFO, 25 ns, CDIP28 High-Performance Current-Mode PWM Controller 14-SOIC 0 to 70 64 X 8 OTHER FIFO, 12 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 256 X 8 OTHER FIFO, 10 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 1K X 8 OTHER FIFO, PDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 512 X 8 OTHER FIFO, 10 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 的CMOS SyncFIFOO 64 × 8256 × 812 × 81024 × 8048 × 8096 × 8 Dual High Output Current Operational Amplifier 8-PDIP -40 to 85
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT72221L20LB IDT72201L50LB IDT72201L15L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 1K X 9 OTHER FIFO, 12 ns, CQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, 25 ns, CQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
IDT723622 IDT723622L15PF IDT723622L15PQF IDT723622 |
CMOS SyncBiFIFOO 256 x 36 x 2/ 512 x 36 x 2/ 1024 x 36 x 2 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 CMOS SyncBiFIFOO 256 x 36 x 2 512 x 36 x 2 1024 x 36 x 2
|
IDT[Integrated Device Technology]
|
UPD2101AL-4 |
1024 BIT (256 X 4) STATIC MOS RAM WITH SEPARATE I/O
|
NEC Corp.
|
85C82 |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface
|
Philips Semiconductors
|
IDT72211L35L IDT72201L20J IDT72201L50JB IDT72211L5 |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
Integrated Device Technology Integrated Device Techn...
|
IDT72V8980 IDT72V8980DB IDT72V8980J IDT72V8980PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
IDT72V8985 IDT72V8985DB IDT72V8985J IDT72V8985PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
FT18/TG |
IMAGE SENSOR-CCD, 1024(H) X 1024(V) PIXEL, RECTANGULAR, THROUGH HOLE MOUNT
|
TELEDYNE DALSA
|
TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
Toshiba Semiconductor
|
|