PART |
Description |
Maker |
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
1SMB10AT3G 1SMB24CAT3G 1SMB26CAT3G 1SMB130AT3G 1SM |
600 Watt Peak Power Zener Transient Voltage Suppressors 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Watt Peak Power Zener Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ON Semiconductor
|
P6KE200BRL P6KE200BRLG P6KE200BG P6KE200B |
600 Watt Peak Power Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor]
|
P6KE20A P6KE7.5 P6KE7.5A P6KE440A P6KE P6KE200 P6K |
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
BYTES[Bytes]
|
NS6A5.0AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressors
|
ON Semiconductor
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
P6SMB16AT3G P6SMB30AT3G P6SMB39AT3G SZP6SMB200AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressors 600 Watt Peak Power Zener Transient Voltage Suppressors
|
ON Semiconductor
|
P6SMBJ13 P6SMBJ36 P6SMBJ90CA P6SMBJ P6SMBJ10 P6SMB |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 220 VOLTS 600 WATT PEAK POWER PULSE)
|
PANJIT[Pan Jit International Inc.]
|
NS6A13AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressor Unidirectional TVS SMA 600W 13V TVS DIODE
|
Rectron Semiconductor
|
1SMC16AT3 1SMC6.0AT3 1SMC8.0AT3 1SMC8.5AT3 1SMC9.0 |
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt Peak Power Zener Transient Voltage Suppressors 峰值功500瓦齐纳瞬态电压抑制器 1500W Zener 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
|
ONSEMI[ON Semiconductor]
|
P4KE P4KE9.1CA P4KE56CA P4KE250 P4KE6.8CA P4KE7.5C |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.840伏特400瓦峰值功.0瓦稳态) Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, Power Good (PG) Output 20-HTSSOP -40 to 125 玻璃钝化结瞬态电压抑制器(电 6.840伏特00瓦峰值功.0瓦稳态) GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.8440伏特00瓦峰值功.0瓦稳态)
|
PanJit International, Inc. Pan Jit International Inc. Pan Jit International I...
|