PART |
Description |
Maker |
MT9V403 |
From old datasheet system 1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
|
MICRON[Micron Technology]
|
MT9V111D00STCK82AC1K-305 MT9V111IA7ATC-DR MT9V111I |
SOC VGA CMOS Active-Pixel Digital Image Sensor
|
ON Semiconductor
|
MT9V012 |
From old datasheet system 1/6-Inch VGA CMOS Digital Image Sensor
|
Micron Technology
|
MT9V032C12STCD3-GEVK MT9V032C12STC-DR MT9V032C12ST |
Inch Wide-VGA CMOS Digital Image Sensor Inch Wide-VGA CMOS Digital Image Sensor
|
ON Semiconductor
|
MT9V135C12STCES MT9V135C12STCH |
1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
|
Micron Technology
|
S5K433CA S5K433CA01 S5K433CA02 S5K433CA03 S5K433LA |
From old datasheet system 1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
|
Samsung semiconductor
|
P581-010-VGA-V2 |
DisplayPort 1.2 to VGA Active Adapter Cable, DP with Latches to HD15 (M/M), 1920x1200/1080p, 10 ft.
|
Tripp Lite. All Rights ...
|
ICX488DQF ICX488DQ |
High-Resolution 4.11M-Pixel Diagonal 6.75 mm (Type 1/2.7) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
|
List of Unclassifed Manufacturers ETC[ETC]
|
HI9P0549-9 HI9P0548-9 HI-548 HI4P0548-5 HI4P0546-5 |
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Wirewound Inductor; Inductor Type:High Frequency; Inductance:470nH; Inductance Tolerance: 5 %; Current Rating:400mA; Series:IMC; Package/Case:1008; Core Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Single 16 and 8/ Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection From old datasheet system Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PD064VT5 |
Compatible with VGA-480 , VGA-400 , VGA-350 mode
|
AZDISPLAYS[AZ Displays] ETC
|
P586-003-VGA-V2 |
Mini DisplayPort 1.2 to VGA Active Adapter Cable, Mini DP to HD15 (M/M), 1920x1200/1080p, 3 ft.
|
Tripp Lite. All Rights ...
|