PART |
Description |
Maker |
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
A23W9308 A23W9308L A23W9308M |
524.288 X 8 BIT CMOS MASK ROM 524.288 × 8位CMOS掩膜ROM 524,288 X 8 BIT CMOS MASK ROM 120ns/5.0V; 150ns/3.0V 254,288 x 8bit CMOS MASK ROM
|
Stancor AMIC Technology
|
MX23C1024 23C1024 MX23C1024PC-12 MX23C1024QC-20 MX |
1M-BIT [64K x 16] CMOS MASK ROM From old datasheet system 1m-BIT [64KX16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
AT43USB325 |
Multimedia keyboard controller with embedded 4-port hub, 16 Kbytes of program memory, 4 programmable endpoints, 512 bytes of data SRAM and support for 20x8 keyboard matrix. Available in SRAM and Mask ROM versions.
|
Atmel
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
PIC16F873T-10E/SO PIC16F873T-20/SO PIC16F873T-20I/ |
A newer device is available. Please consider PIC16F873A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F877A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F874A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F876A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... 8-bit CMOS FLASH microcontroller
|
Microchip
|
89C535 89C538 P89C535NBAA P89C536NBAA P89C536NBBB |
CMOS single-chip 8-bit microcontrollers with FLASH program memory
|
PHILIPS[Philips Semiconductors]
|
PIC16F818-E/ML PIC16F818-E/P PIC16F818-E/SO PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based ...
|
Microchip
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
PIC16C432T-E/SS AC164029 PIC16C432-E/SS |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|