PART |
Description |
Maker |
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
5STP1 5STP10 5STP100 5STP160 5STP2 5STP2.5 5STP200 |
Fuses, 63mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), INLINE/HOLDER TIME-LAG FUSE SERIES (LOW BREAKING CAPACITY)
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
5VT2 |
Fuses, 2A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 2A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
5VT6.3-R 5VT3.15-R 5VTP3.15-R |
Fuses, RoHS 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), THROUGH HOLE
|
Bel Fuse, Inc. BEL FUSE INC
|
KMF1.1123.11 KMF1.1113.11 KMF1.1213.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
DBCFG1QB200 DBCFG1QB315 DBCFG1QB100 DBCFG1QB250 DB |
FUSES 5x20mm GLASS FUSES - QUICK BLOW
|
http:// Dubilier
|
1SV232 |
INLET, IEC, SWITCHED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CFS-3.5-F |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
MDL-3.81-H |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CMD-3.81-HF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-3.81 |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
MDL-3.81-VF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
|