PART |
Description |
Maker |
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRGS30B60KPBF IRGSL30B60KPBF |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC30U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRG4BC30KD-S IRG4BC30KD-STRR IRG4BC30KDS IRG4BC30K |
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4PC60U-P |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC Solder Plate package
|
IRF[International Rectifier]
|
IRG4PSC71K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-274AA package
|
International Rectifier
|
IRG4BC20UD IRG4BC20UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|