PART |
Description |
Maker |
IRG4BC20W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
STGW45HF60WD |
ultra fast IGB
|
ST Microelectronics
|
IRG4BC20WS IRG4BC20W-S IRG4BC20W-STRR IRG4BC20W-ST |
600V Warp 60-150 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 13A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4BC40W IRG4BC40W-S |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
|
IRF[International Rectifier]
|
IRG4BC30W-STRL |
600V Warp 60-150 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier
|
IRG4PC60U-PPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC Solder Plate package
|
International Rectifier
|
IRG4PC50S IRG4PC50SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A) INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4RC10S IRG4RC10 IRG4RC10STR IRG4RC10STRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC20FD-S IRG4BC20FD-STRL |
600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 1.66V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0 CAP 0.01UF 25V 10% X7R SMD-0508 TR-7 PLATED-NI/SN 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.66V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|